PART |
Description |
Maker |
OL6201N-A10 |
MQW Laser Diode Cooled Dil Module (1625 nm /-10 nm, 1 mW) 量子阱半导体激光器冷却季利模块625纳米/ -10纳米毫瓦 MQW Laser Diode Cooled Dil Module (1625 nm /-10 nm 1 mW)
|
OKI SEMICONDUCTOR CO., LTD. OKI[OKI electronic componets] OKI electronic components
|
LSC3300 LSC3300-BI LSC3300-DN LSC3300-FP LSC3300-S |
14 Pin DIL Uncooled Laser Modules 14引脚迪勒致冷激光器 5004640078PROTO
|
Lattice Semiconductor, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
EM8GS3-19.44-2.5-30 VEM8GS3-19.44-2.5-30 VEM8GS5-1 |
TCXO, CLIPPED SINE OUTPUT, 12.8 MHz ROHS COMPLIANT, HERMETIC SEALED; DIL-8/4 Clipped Sinewave 8 pin DIL
|
Euroquartz, Ltd. EUROQUARTZ limited
|
EM38GT33-32.768K-2.5 VEM38GT5-32.768K-2.5-30 EM38G |
TCXO, CLOCK, 0.032768 MHz, HCMOS OUTPUT ROHS COMPLIANT, MINIATURE, CERAMIC, DIL-14/4 HCMOS 14 pin DIL compatible, kHz Range
|
Euroquartz, Ltd. EUROQUARTZ limited
|
SPLLG81-P |
Passiv gekuhlter SIRILAS Diodenlaser 15 W cw bei 808nm Conductively cooled SIRILAS? Laser Diode Array 15 W cw at 808nm Passiv gekuhlter SIRILAS Diodenlaser 15 W cw bei 808nm Conductively cooled SIRILAS㈢ Laser Diode Array 15 W cw at 808nm
|
OSRAM GmbH
|
LST3521 LST3821 LST2525 LST2825-1MWCOAXIALLASER HF |
155/622 Mb/s SMQW Pigtailed Laser Modules(155/622 Mb/s SMQW 梳形激光模 155/622 Mb/s SMQW Pigtailed Laser Modules 200μW Coaxial Laser155/622 Mb/s SMQW 梳形激光模块(- 200μW同轴激光)) 155/622 Mb/s SMQW Pigtailed Laser Modules 1 mW Coaxial Laser155/622 Mb/s SMQW 梳形激光模块(1 mW同轴激光)) 155/622 Mb/s SMQW Pigtailed Laser Modules 8 Pin DIL Package155/622 Mb/s SMQW 梳形激光模块(8引脚DIL封装
|
Agilent(Hewlett-Packard)
|
M22-5320205 M22-5320246 M22-5322546 M22-5322505 M2 |
2.00 mm PITCH DIL SMT PIN HEADER ASSEMBLY 2.00mm Pitch DIL Vertical SMT Pin Header, gold, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 2.00mm Pitch DIL Vertical SMT Pin Header, tin, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin Plc
|
M22-2541605 M22-2542105 M22-2542346 |
2.00mm Pitch DIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, gold, 16 16-way 32 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG 2.00mm Pitch DIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, gold, 21 21-way 42 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG 2.00mm Pitch DIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 23 23-way
|
Harwin PLC HARWIN INC
|
M20-E050445 |
2.54mm Pitch DIL Vertical PC Tail Pin Header, 6mm mating pin height, gold (hi-temp mould), 4 4-way 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
3GPF8-B-80M-60.000 3GPF8G-B-80M-60.000 3GPF8-A-80M |
8 pin DIL VCXO
|
EUROQUARTZ limited
|
3GPF14-A-80M-60.000 5GPF14-A-80M-60.000 3GPF14-A-8 |
14 pin DIL VCXO
|
EUROQUARTZ limited
|